spec no: dsab3169 rev no: v.2 date: apr/08/2003 page: 1 of 3 approved: j.lu checked: allen liu drawn: l.zhang 5mm flange based led lamp BLF051SYC-6V-P super bright yellow features ! ! ! ! ! built-in current limiting resistor for direct application of different across current. ! ! ! ! ! long life. ! ! ! ! ! low current, power savings. ! ! ! ! ! low maintenance. ! ! ! ! ! different color available. ! ! ! ! ! solid state, high vibration resistant. ! ! ! ! ! 6v internal resistor. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subject to change without notice. description the super bright yellow source color devices are made with dh ingaalp on gaas substrate light emitting diode.
spec no: dsab3169 rev no: v.2 date: apr/08/2003 page: 2 of 3 approved: j.lu checked: allen liu drawn: l.zhang electrical / optical characteristics at t a =25 c note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. selection guide absolute maximum ratings at t a =25 c l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e pw o l l e y t h g i r b r e p u s0 9 5m nv f v 6 = d h t g n e l e v a w e t a n i m o dw o l l e y t h g i r b r e p u s8 8 5m nv f v 6 = ? 2 / 1 h t d i w - f l a h e n i l l a r t c e p sw o l l e y t h g i r b r e p u s8 2m nv f v 6 = i f t n e r r u c d r a w r o fw o l l e y t h g i r b r e p u s8 . 5 2a mv f v 6 = i r t n e r r u c e s r e v e rw o l l e y t h g i r b r e p u s0 1a uv r v 5 = r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p w o l l e y t h g i r b r e p u sw o l l e y t h g i r b r e p u s w o l l e y t h g i r b r e p u s w o l l e y t h g i r b r e p u sw o l l e y t h g i r b r e p u ss t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p 0 5 1w m e g a t l o v d r a w r o f 7v e g a t l o v e s r e v e r 5v e r u t a r e p m e t g n i t a r e p o 0 4 - 0 7 + o t c c e r u t a r e p m e t e g a r o t s 0 4 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i v 6 = v g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 p - v 6 - c y s 1 5 0 f l b) p l a a g n i ( w o l l e y t h g i r b r e p u sr a e l c r e t a w0 8 20 0 5 0 3
spec no: dsab3169 rev no: v.2 date: apr/08/2003 page: 3 of 3 approved: j.lu checked: allen liu drawn: l.zhang super bright yellow BLF051SYC-6V-P
|